Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 13Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 14Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 17Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 18Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Pin and Signal Descriptions
DSP56651 Signal Description
Preliminary
MOTOROLA
DSP56651 Technical Data Sheet
1-11
Figure 1-3
Signals Identified by Functional Group
DSP56651
16
22
External Address Bus
External Data Bus
External
Bus
Control
Serial
Data Port
(UART)
Timers
PLL and
Clocks
JTAG
Port
Power Inputs:
Address Bus
Smart Card
Bus Control
Data Bus
Audio Codec
Clock Output
GPIO/Keypad/Int/JTAG/UART/STO
Baseband Codec/Timers/QSPI
Quiet Power High
Emulation Port
PLL
Internal Logic (Quiet)
A0-A21
D0-D15
R/W
EB0
EB1
OE
TCK
TDI
TDO
TMS
TRST
TEST
CKIH
CKIL
CKO
CKOH
PCAP
VCCA
VCCB
VCCC
VCCD
VCCE
VCCF
VCCG
VCCH
VCCHQ
VCCK
VCCP
VCCQ
Keypad
Port
2
Grounds:
Address Bus
Smart Card
Bus Control
Data Bus
Audio Codec
Clock Output
GPIO/Keypad/Int/JTAG
Baseband Codec/Timers
Emulation Port
PLL
PLL
Internal Logic (Quiet)
Substrate Ground
GNDA
GNDB
GNDC
GNDD
GNDE
GNDF
GNDG
GNDH
GNDK
GNDP
GNDP1
GNDQ
GND
4
2
Reset,
Mode, and
Multiplexer
Control
RESET_IN
RESET_OUT
MOD
MUX_CTL
STO
COL0–COL5
COL6/OC1
COL7/PWM
ROW0–ROW4
ROW5/IC2B
ROW6/SC2A/DCD or DSP_DE
ROW7/SCKA/RI or TCK
TxD or TDO
RxD/IC1 or TDI
RTS/IC2 or RESET_IN
CTS or MCU_DE
TOUT0–TOUT7
2
2
4
4
Interrupts
INT0–INT5
INT6/STDA/DSR or TRST
INT7/SRDA/DTR/SCK or TMS
DSP_IRQ
6
Debug Control
Port
MCU_DE
DSP_DE
6
5
Serial Audio
Codec Port
STDA
SRDA
SCKA
SC0A–SC2A
Baseband
Codec
Port
STDB
SRDB
SCKB
SC0B–SC2B
8
3
3
Queued
Serial
Port
SPICS0–SPICS4
SCK
MISO
MOSI
5
Smart
Card
Port
SIMCLK
SENSE
SIMDATA
SIMRESET
PWR_EN
Chip
Selects
CS0
CS1–CS4
CS5
4
Emulation
Port
SIZ0–SIZ1
PSTAT0–PSTAT3
4
2
20
AA1690
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com