Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56600FM/AD Datasheet(PDF) 18 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 14Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 17Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 18Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
Preliminary
1-12
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
Power
Table 1-4
Power
Power Names
Description
VCCA
Address Bus power
—These lines supply power to the address bus.
VCCB
Smart Card interface power
—This line supplies isolated power for Smart Card
Interface I/O drivers.
VCCC
Bus control power
—This line supplies power to the bus control logic.
VCCD
Data bus power
—These lines supply power to the data bus.
VCCE
Audio codec port power
—This line supplies power to audio codec I/O drivers.
VCCF
Clock output power
—This line supplies a quiet power source for the CKOUT
output. Ensure that the input voltage to this line is well-regulated and uses an
extremely low impedance path to tie to the VCC power rail. Use a 0.1 µF bypass
capacitor located as close as possible to the chip package to connect between the
VCCF line and the GNDF line.
VCCG
GPIO power
—This line supplies power to the GPIO, keypad, data port, interrupts,
STO, and JTAG I/O drivers.
VCCH
Baseband codec and timer power
—This line supplies power to the baseband codec,
timer and QSPI I/O drivers.
VCCHQ
Quiet power high
—These lines supply a quiet power source to the pre-driver
voltage converters. This value should be greater than or equal to the maximum
value of the power supplies of the chip I/O drivers (i.e., the maximum of VCCA,
VCCB, VCCC, VCCD, VCCE, VCCF, VCCG, VCCH, and VCCK).
VCCK
Emulation port power
—This line supplies power to the emulation port I/O drivers.
VCCP
Analog PLL circuit power
—This line is dedicated to the analog PLL circuits and
must remain noise-free to ensure stable PLL frequency and performance. Ensure
that the input voltage to this line is well-regulated and uses an extremely low
impedance path to tie to the VCC power rail. Use a 0.1 µF capacitor and a 0.01 µF
capacitor located as close as possible to the chip package to connect between the
VCCP line and the GNDP and GND P1 lines.
VCCQ
Quiet power
—These lines supply a quiet power source to the internal logic circuits.
Ensure that the input voltage to this line is well-regulated and uses an extremely low
impedance path to tie to the VCC power rail. Use a 0.1 µF bypass capacitor located as
close as possible to the chip package to connect between the VCCQ lines and the
GNDQ lines.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com