| Electronic Components Datasheet Search |
|
DSP56600FM/AD Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 76 page ![]() Preliminary 1-14 DSP56651 Technical Data Sheet MOTOROLA Pin and Signal Descriptions DSP56651 Signal Description PLL and Clock Address Bus Table 1-6 PLL and Clock Signals Signal Name Signal Type State during Reset Signal Description CKIH Input Input High frequency clock input —This signal provides the high frequency input clock. This clock may be other a CMOS square wave or sinusoid input. CKIL Input Input Low frequency clock input —This signal provides the low frequency input clock and should be less than or equal to the frequency of CKIH. This is the default input clock after reset. CKO Output Driven low DSP/MCU output clock —This signal provides an output clock synchronized to the DSP or MCU core internal clock phases, according the selected programming option. The choices of clock source and enabling/disabling the output signal are software selectable. CKOH Output Driven low High frequency clock output —This signal provides an output clock derived from the CKIH input. This signal can be enabled or disabled by software. PCAP Input/ Output Indeter- minate PLL capacitor —This signal is used to connect the required external filter capacitor to the PLL filter. Connect one end of the capacitor to PCAP and the other to VCCP. The value of the capacitor is specified in Section 2 of this data sheet. Table 1-7 Address Bus Signals Signal Names Signal Type State during Reset Signal Description A0–A21 Output Driven low Address bus— These signals specify the address for external memory accesses. If there is no external bus activity, A0–A21 remain at their previous values to reduce power consumption. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |