Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8200AMMREP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL8200AMMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 3 of 24
June 3, 2015
Pin Configuration
ISL8200AMMREP
(23 LD QFN)
TOP VIEW
(22) PGOOD
(23) N.C.
(12) EN
(13) VIN
(17) PVIN
(14) PVCC
(15) PGND1
(18) PGND
(16) PHASE
(20) OCSET
(19) VOUT
(21) VCC
PD1
PD3
PD2
PD4
Pin Descriptions
PIN #
PIN NAME
PIN DESCRIPTION
1
VOUT_SET
Analog Voltage Input - Used with VOUT to program the regulator output voltage. The typical input impedance of VOUT_SET
with respect to VSEN_REM- is 500k
. The voltage input typ. is 0.6V.
2
VSEN_REM-
Analog Voltage Input - This pin is the negative input of the standard unity gain operational amplifier for differential remote
sense for the regulator, and should connect to the negative rail of the load/processor. This pin can be used for VOUT trimming
by connecting a resistor from this pin to the VOUT_SET pin.
3
ISFETDRV
Digital Output - This pin is used to drive an optional NFET, which will connect ISHARE with the system ISHARE bus upon
completing a pre-bias startup. The voltage output range is 0V to 5V.
4, 15
PGND1
Normal Ground - All voltage levels are referenced to this pad. This pad provides a return path for the low side MOSFET drives
and internal power circuitries as well as all analog signals. PGND and PGND1 should be connected together with a ground
plane.
5
ISET
Analog Current Output - This pin sources a 15µA offset current plus Channel 1’s average current. The voltage (VISET) set by
an external resistor (RISET) represents the average current level of the local active module. For full-scale current, RISET
should be ~10k
. The output current range is 15µA to 126µA typ.
The ISET and ISHARE pins are used for current sharing purposes with multiple ISL8200AMMREP modules. In the single
module configuration, this pin can be tied to the ISHARE pin. In multi-phase operation, if noise is a concern, add an additional
10pF capacitor to the ISET line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com