Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8200AMMREP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 17 of 24
June 3, 2015
shown in these graphs is the average output current and not the
inductor ripple current.
In a high input voltage, high output voltage application, such as
20V input to 5V output, the inductor ripple becomes excessive
due to the fixed internal inductor value. In such applications, the
output current will be limited from the rating to approximately
70% of the module’s rated current.
When OCP is triggered, the controller pulls EN low immediately to
turn off UGATE and LGATE.
For overload and hard short conditions, the overcurrent
protection reduces the regulator RMS output current much less
than full load by putting the controller into hiccup mode. A delay
time, equal to 3 soft-start intervals, is entered to allow the
disturbance to be cleared out. After the delay time, the controller
then initiates a soft-start interval. If the output voltage comes up
and returns to the regulation, PGOOD transitions high. If the OC
trip is exceeded during the soft-start interval, the controller pulls
EN low again. The PGOOD signal will remain low and the
soft-start interval will be allowed to expire. Another soft-start
interval will be initiated after the delay interval. If an overcurrent
trip occurs again, this same cycle repeats until the fault is
removed.
Fault Handshake
In a multi-module system, with the EN pins wired OR’ed together,
all modules can immediately turn off, at one time, when a fault
condition occurs in one or more modules. A fault would pull the
EN pin low, disabling all the modules and therefore not creating
current bounce. Thus, no single channel would be over stressed
when a fault occurs.
Since the EN pins are pulled down under fault conditions, the
pull-up resistor (RUP) should be scaled to sink no more than 5mA
current from EN pin. Essentially, the EN pins cannot be directly
connected to VCC.
Oscillator
The Oscillator is a sawtooth waveform, providing for leading edge
modulation with 350ns minimum dead time. The oscillator
(sawtooth) waveform has a DC offset of 1.0V. Each channel’s
peak-to-peak of the ramp amplitude is set to be proportional to
the voltage applied to its corresponding FF pin.
FIGURE 31. 5VIN
FIGURE 32. 12VIN
VIN
PVIN
EN
FF
VOUT
VOUT_SET
PHASE
OCSET
ISL8200AMMREP
POWER MODULE
ISHARE
VIN = 4.5V TO 20V
5k
FIGURE 30. ISL8200AMMREP USING RISEN-EX BETWEEN
OCSET and PHASE
0
2
4
6
8
10
12
14
16
0
5
10
15
20
1.8VOUT
1.2VOUT
2.5VOUT
RISEN-EX(kΩ)
RISEN-EX (kΩ)
0
2
4
6
8
10
12
14
16
0
1020
3040
50
1.8VOUT
2.5VOUT
1.2VOUT
5.0VOUT
FIGURE 33. 20VIN
RISEN-EX (kΩ)
0
2
4
6
8
10
12
14
16
020
40
60
80
100
1.8VOUT
2.5VOUT
1.2VOUT
5.0VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com