Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8200AMMREP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 21Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 18 of 24
June 3, 2015
Frequency Synchronization and Phase Lock
Loop
The FSYNC_IN pin has two primary capabilities: fixed frequency
operation and synchronized frequency operation. By tying a
resistor (RFS) to PGND1 from the FSYNC_IN pin, the switching
frequency can be set at any frequency between 700kHz and
1.5MHz. The ISL8200AMMREP has an integrated 59kΩ resistor
between FSYNC_IN and PGND1, which sets the default frequency
to 700kHz. The frequency setting curve shown in Figure 34 is
provided to assist in selecting an externally connected resistor
RFS-ext between FSYNC_IN and PGND1 to increase the switching
frequency.
By connecting the FSYNC_IN pin to an external square pulse
waveform (such as the CLKOUT signal, typically 50% duty cycle
from another ISL8200AMMREP), the ISL8200AMMREP will
synchronize its switching frequency to the fundamental
frequency of the input waveform. The voltage range on the
FSYNC_IN pin is VCC/2 to VCC. The Frequency Synchronization
feature will synchronize the leading edge of the CLKOUT signal
with the falling edge of Channel 1’s PWM clock signal. CLKOUT is
not available until the PLL locks.
The locking time is typically 210µs for fSW = 700kHz. EN is not
released for a soft-start cycle until FSYNC_IN is stabilized and the
PLL is in locking. It is recommended to connect all EN pins
together in multiphase configuration.
The loss of a synchronization signal for 13 clock cycles causes
the IC to be disabled until the PLL returns locking, at which point
a soft-start cycle is initiated and normal operation resumes.
Holding FSYNC_IN low will disable the IC.
Setting Relative Phase-Shift on CLKOUT
Depending upon the voltage level at PH_CNTRL, set by the VCC
resistor divider output, the ISL8200AMMREP operates with
CLKOUT phase shifted, as shown in Table 2. The phase shift is
latched as VCC raises above POR so it cannot be changed on the
fly.
Layout Guide
To achieve stable operation, low losses, and good thermal
performance, some layout considerations are necessary, which
are illustrated in Figures 35 and 36.
• The ground connection between PGND1 (pin 15) and PGND
(pin 18) should be a solid ground plane under the module.
• Place a high frequency ceramic capacitor between (1) PVIN
and PGND (pin 18) and (2) a 10µF between PVCC and PGND1
(pin 15) as close to the module as possible to minimize high
frequency noise. High frequency ceramic capacitors close to
the module between VOUT and PGND will help to minimize
noise at the output ripple.
• Use large copper areas for power path (PVIN, PGND, VOUT) to
minimize conduction loss and thermal stress. Also, use
multiple vias to connect the power planes in different layers.
• Keep the trace connection to the feedback resistor short.
• Use remote sensed traces to the regulation point to achieve a
tight output voltage regulation, and keep them in parallel.
Route a trace from VSEN_REM- to a location near the load
ground, and a trace from feedback resistor to the point-of-load
where the tight output voltage is desire.
• Avoid routing any sensitive signal traces, such as the VOUT and
VSENREM- sensing point near the PHASE pin or any other
noise-prone areas.
• FSYNC_IN is a sensitive pin. If it is not used for receiving an
external synchronization signal, then keep the trace
connecting to the pin short. A bypass capacitor value of 100pF,
connecting between FSYNC_IN pin and GND1, can help to
bypass the noise sensitivity on the pin.
FIGURE 34. RFS-ext vs SWITCHING FREQUENCY
700
800
900
1000
1100
1200
1300
1400
1500
0
100
200
300
400
RFS-ext (kΩ)
TABLE 2.
DECODING
PH_CNTRL RANGE
PHASE FOR CLKOUT WRT
CHANNEL 1
REQUIRED
PH_CNTRL
<29% of VCC
-60°
15% VCC
29% to 45% of VCC
90°
37% VCC
45% to 62% of VCC
120°
53% VCC
62% to VCC
180°
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com