Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8200AMMREP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 15 of 24
June 3, 2015
Voltage Feedforward
The voltage applied to the FF pin is fed to adjust the sawtooth
amplitude of the channel. The amplitude the sawtooth is set to is
1.25 times the corresponding FF voltage when the module is
enabled. This configuration helps to maintain a constant gain
(GM =VIN •DMAX/VRAMP) and input voltage to achieve
optimum loop response over a wide input voltage range. The
sawtooth ramp offset voltage is 1V (equal to 0.8V*1.25), and the
peak of the sawtooth is limited to VCC - 1.4V. With VCC = 5.4V, the
ramp has a maximum peak-to-peak amplitude of VCC - 2.4V (equal
to 3V); so the feed-forward voltage effective range is typically 3x
as the ramp amplitude ranges from 1V to 3V.
A 384 cycle delay is added after the system reaches its rising
POR and prior to the soft-start. The RC timing at the FF pin should
be sufficiently small to ensure that the input bus reaches its
static state and the internal ramp circuitry stabilizes before
soft-start. A large RC could cause the internal ramp amplitude
not to synchronize with the input bus voltage during output
start-up or when recovering from faults. A 1nF capacitor is
recommended as a starting value for typical applications. The
voltage on the FF pin needs to be above 0.8V prior to soft-start
and during PWM switching to ensure reliable regulation. In a
typical application, FF pin can be shorted to the EN pin.
INIT. VOUT
VOUT TARGET VOLTAGE
FIRST PWM PULSE
-100mV
SS SETTLING AT VREF + 100mV
FIGURE 26. SOFT-START WITH VOUT < TARGET VOLTAGE
OV = 113%
VOUT TARGET VOLTAGE
FIRST PWM PULSE
FIGURE 27. SOFT-START WITH VOUT BELOW OVERVOLTAGE BUT
ABOVE FINAL TARGET VOLTAGE
FIGURE 28. SIMPLIFIED ENABLE AND VOLTAGE FEEDFORWARD CIRCUIT
0.8V
IEN_HYS = 30µA
RUP
RDOWN
EN_POR
RDOWN
RUP V
EN_REF
VEN_FTH VEN_REF
–
-------------------------------------------------------
=
VEN_FTH VEN_RTH VEN_HYS
–
=
VIN
GRAMP = 1.25
LIMITER
SAWTOOTH
AMPLITUDE
V
 RAMP
max(VCC_FF GRAMP, VCC - 1.4V - VRAMP_OFFSET
=
(
VRAMP)
EN
OV, OT, OC, AND PLL LOCKING FAULTS
RUP
VEN_HYS
NxIEN_HYS
------------------------------
=
SYSTEM DELAY
VCC_FF
VCC
0.8V
VRAMP_OFFSET = 1.0V
VCC - 1.4V
LOWER LIMIT
UPPER LIMIT
(RAMP OFFSET)
where N is number of EN pins connected together
VCC_FF
max(0.8V, VFF
=
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com