Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 12Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 13Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 14Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 16Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
rSTART
CLIENT ADDRESS
CLIENT ADDRESS
Host transmission
Client transmission
REGISTER DATA
REGISTER ADDRESS
A
A
W
S
A
N
P
R
aaa-029919
7.4.6.3 Sensor data register read wrap around
The device includes automatic sensor data register read wrap-around features to optimize the number of
I2C transactions necessary for continuous reads of sensor data. Depending on the state of the SIDx_EN
bits in the SOURCEID_0 and SOURCEID_1 registers, the register address automatically wraps back to the
DEVSTAT_COPY register as shown in Table 9.
SID1_EN
SID0_EN
Address increment and wrap-around effect
Optimized register-read sequence
0
0
Address wraps around from FFh to 00h
None
0
1
Address wraps from 63h (SNSDATA0_H) to 61h
(DEVSTAT_COPY)
DEVSTAT_COPY, SNSDATA0_L, SNSDATA0_H
1
0
Address wraps from 65h (SNSDATA1_H) to 61h
(DEVSTAT_COPY)
DEVSTAT_COPY, SNSDATA0_L, SNSDATA0_H,
SNSDATA1_L, SNSDATA1_H
1
1
Address wraps from 69h (SNSDATA0_TIME3) to 61h
(DEVSTAT_COPY)
DEVSTAT_COPY, SNSDATA0_L, SNSDATA0_H,
SNSDATA1_L, SNSDATA1_H, SNSDATA0_TIME0,
SNSDATA0_TIME1, SNSDATA0_TIME2, SNSDATA0_
TIME3
Table 9. Sensor data register read wrap-around description
7.4.7 I2C timing diagram
aaa-029751
SDA
70 %
30 %
70 %
30 %
70 %
30 %
70 %
tr
tf
tr
9th clock
9th clock
... cont.
... cont.
tHIGH
tLOW
tVD;DAT
tBUF
tHD;DAT
tHD;STA
1 / fSCL
1st clock cycle
S
Sr
P
S
tSU;DAT
tSU;STO
tVD;ACK
tHD;STA
tSU;STA
tSP
tf
30 %
70 %
30 %
70 %
30 %
70 %
30 %
SCL
... SDA
... SCL
Figure 19. I2C timing diagram
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
16 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com