Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.7.14
P_CAL_ZERO - pressure calibration
registers (address 4Ch, 4Dh) .......................... 44
7.7.15
DSP_STAT - DSP specific status register
(address 60h) .................................................. 45
7.7.16
DEVSTAT_COPY - device status copy
register (address 61h) ..................................... 45
7.7.17
SNSDATA0_L, SNSDATA0_H - sensor data
#0 registers (address 62h, 63h) .......................46
7.7.18
SNSDATA1_L, SNSDATA1_H - sensor data
#1 registers (address 64h, 65h) .......................46
7.7.19
SNSDATA0_TIMEx - timestamp registers
(address 66h to 6Bh) .......................................46
7.7.20
P_MAX, P_MIN - maximum and minimum
absolute pressure value registers (address
6Ch to 6Fh) ..................................................... 47
7.7.21
FRT - free running timer registers
(addresses 78h to 7Dh) ...................................47
7.7.22
IC type register (Address C0h) ........................48
7.7.23
IC manufacturer revision register (Address
C1h) ................................................................. 48
7.7.24
IC manufacturer identification register
(address C2h) ..................................................48
7.7.25
Part number register (address C4h, C5h) ........49
7.7.26
Device serial number registers ........................ 49
7.7.27
ASIC wafer ID registers ...................................50
7.7.28
USERDATA_0 to USERDATA_E - user data
registers ........................................................... 51
7.7.29
USERDATA_10 to USERDATA_1E - user
data registers ...................................................51
7.7.30
Lock and CRC Registers .................................51
7.7.31
Reserved registers ...........................................51
7.7.32
Invalid register addresses ................................52
7.8
Read/write register array CRC verification .......52
8
Maximum ratings ...............................................52
9
Operating range ................................................ 53
10
Static characteristics ........................................53
11
Dynamic characteristics ...................................55
12
Media compatibility—pressure sensors
only .....................................................................57
13
Pressure sensor accuracy (drift over
temperature and life) ........................................ 57
14
Application information ....................................58
15
Package outline .................................................60
16
Soldering ............................................................63
17
Mounting recommendations ............................ 66
18
References .........................................................66
19
Revision history ................................................ 66
20
Legal information ..............................................67
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© 2023 NXP B.V.
All rights reserved.
For more information, please visit: http://www.nxp.com
Date of release: 7 June 2023
Document identifier: FXPS7115D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com