Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 9Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 10Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 11Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 12Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Filter
number
Typical –3 dB
frequency
Filter
order
Filter coefficients (24 bit)
Group
delay (μs)
Typical
attenuation @
1000 Hz (dB)
a0
0.088642612609670
—
—
n11
0.029638050039039
d11
1
n12
0.087543281056143
d12
–1.422792640957290
n13
0.029695285913601
d13
0.511435253566960
n21
0.250241278804809
d21
1
n22
0.499999767379068
d22
–1.503329908017845
1
800 Hz
4
n23
0.249758953816089
d23
0.621996524706640
418
4.95
a0
0.129604264748411
—
—
n11
0.043719804402508
d11
1
n12
0.087543281056143
d12
–1.300502656562698
n13
0.043823599710731
d13
0.430106921311110
n21
0.250296586927511
d21
1
n22
0.499999648540934
d22
–1.379959571988366
2
1000 Hz
4
n23
0.249703764531484
d23
0.555046257157745
333
2.99
Table 6. IIR low pass filter coefficients
aaa-029738
frequency (Hz)
1
104
103
10
102
-60
-40
-80
-20
0
magnitude
(dB)
-100
minimum
typical
maximum
Figure 8.  800 Hz, 4-pole, low-pass filter response
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
9 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com