Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
Symbol
Description
5 to 4
INT_PS[1:0]
The INT_PS[1:0] bits set the programmable pulse stretch time for the interrupt output. Pulse stretch times are derived
from the internal oscillator, so the tolerance on this oscillator applies.
00 — 0 ms
01 —16.000 ms to 16.512 ms
10 — 64.000 ms to 64.512 ms
11 — 256.000 ms to 256.512 ms
If the pulse stretch function is programmed to '00', the interrupt pin is asserted if and only if the interrupt condition exists
after the most recent evaluated sample. The interrupt pin is deasserted if and only if an interrupt condition does not
exist after the most recent evaluated sample.
If the pulse stretch function is programmed to a non-zero value, the interrupt pin is controlled only by the value of the
pulse stretch timer value. If the pulse stretch timer value is non-zero, the interrupt pin is asserted. If the pulse stretch
timer is zero, the interrupt pin is deasserted. The pulse stretch counter continuously decrements until it reaches zero.
The pulse stretch counter is reset to the programmed pulse stretch value if and only if an interrupt condition exists after
the most recent evaluated sample.
3
INT_POLARITY
The interrupt polarity bit controls whether the interrupt is activated for values within or outside the window selected
by the high and low threshold registers. With this bit and the programmable thresholds, a window comparator can be
programmed for activation either within or outside a window.
0 — Interrupt activated, if the value is outside the window
1 — Interrupt activated, if the value is inside the window
Table 75. INT_CFG - interrupt configuration register (address 45h) bit description
7.7.13 P_INT_HI, P_INT_LO - interrupt window comparator threshold registers (address 46h to
49h)
The interrupt threshold registers contain the high and low window comparator thresholds for pressure to be
used to activate and deactivate the interrupt output. These registers can be written during initialization but are
locked once the ENDINIT bit is set (see Section 7.7.4 "DEVLOCK_WR - lock register writes register (address
10h)"). The register is included in the read/write array error detection.
Location
Bit
Address
Register
8
7
6
5
4
3
2
1
0
46h
PIN_INT_HI_L
PIN_INT_HI[7:0]
47h
PIN_INT_HI_H
PIN_INT_HI[15:8]
48h
PIN_INT_LO_L
PIN_INT_LO[7:0]
49h
PIN_INT_LO_H
PIN_INT_LO[15:8]
Reset
0
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 76. P_INT_HI, P_INT_LO - interrupt window comparator threshold registers (address 46h to 49h) bit
allocation
The pressure threshold registers hold independent unsigned 16-bit values for a high and a low threshold. The
window comparator threshold alignment is shown in Section 7.3.3.4 "Absolute pressure output data scaling
equation".
If either the high or low threshold is programmed to 0000h, comparisons are disabled for that threshold only.
The interrupt comparison still functions for the opposite threshold. If both the high and low thresholds are
programmed to 0000h, the interrupt output is disabled.
7.7.14 P_CAL_ZERO - pressure calibration registers (address 4Ch, 4Dh)
The pressure calibration registers contain user programmable values to adjust the offset of the absolute
pressure.
These registers can be written during initialization but are locked once the ENDINIT bit is set (see Section 7.7.4
"DEVLOCK_WR - lock register writes register (address 10h)"). These registers are included in the read/write
array error detection. Changes to these registers reset the DSP data path. The contents of the SNSDATA_x
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
44 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com