Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
"Exception handling". The sensor data included in the response is the sensor data at the falling edge of SS_B
for the sensor data request response.
7.5.3.3.1 Sensor data request command message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Command
Fixed bits: must = 0 0000h
8-bit CRC
C[3:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CRC[7:0]
Table 21. Sensor data request command message format
Bit field
Definition
C[0]
Sensor data request command = '1'
C[3:1] = SOURCEID[2:0]
Source identification code for the requested sensor data
CRC[7:0]
8-bit CRC
Table 22. Sensor data request command message bit field descriptions
7.5.3.3.2 Sensor data request response message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27
26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Command
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
C[0], [3:1]
ST[1:0]
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Table 23. Sensor data request response message format – 12 bit data length
Bit field
Definition
C[0]
Sensor data request command = '1'
C[3:1] = SOURCEID[2:0]
Source identification code for the requested sensor data
ST[1:0]
Basic Status
SD[11:0]
Sensor data
Optional SD resolution
Optional for 16-bit Sensor data. Refer to Section 7.3.3.4.
SF[1:0]
Detailed status
CRC[7:0]
8-bit CRC
Table 24. Sensor data request response message bit field descriptions
7.5.3.4 Reserved commands
The device responds to reserved commands on the next SPI message subject to the error handling conditions
specified in Section 7.5.5 "Exception handling".
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
22 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com