Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
3. When the calculation on the last bit of the CRC is rotated into the shift register, the shift register contains the
CRC check result.
4. If the shift register contains all zeros, the CRC is correct.
5. If the shift register contains a value other than zero, the CRC is incorrect.
The CRC polynomial and seed are shown in Table 29.
SPICRCSEED[3:0]
Default Polynomial
Default non-direct Seed
0000
x8+ x5+ x3+ x2+ x + 1
1111 1111
non-zero
x8+ x5+ x3+ x2+ x + 1
1111 SPICRCSEED[3:0]
Table 29. SPI Command Message CRC
7.5.4.1.2 Response error checking
The device calculates a CRC on the entire 32 bits of each response. Message data is entered into the CRC
calculator MSB first, consistent with the transmission order of the message.
The CRC encoding procedure is as follows:
1. A seed value is preset into the LSB of the shift register.
2. Using a serial CRC calculation method, the transmitter rotates the transmitted message and CRC into the
LSB of the shift register (MSB first).
3. Following the transmitted message, the transmitter feeds 8 zeros into the shift register, to match the length
of the CRC.
4. When the last zero is fed into the input adder, the shift register contains the CRC.
5. The CRC is transmitted.
The CRC polynomial and seed are shown in Table 30.
SPICRCSEED[3:0]
Default Polynomial
Default non-direct Seed
0000
x8+ x5+ x3+ x2+ x + 1
1111 1111
nonzero
x8+ x5+ x3+ x2+ x + 1
1111 SPICRCSEED[3:0]
Table 30. SPI Response Message CRC
7.5.5 Exception handling
After POR, there a supply error flag is set. Expected initial responses with first 4 commands are shown in
Table 31.
Command
Response
Command 1 (DEVSTAT READ)
Ignore response 1
Command 2 (DEVSTAT READ)
Ignore response 2
Command 3 (DEVSTAT READ)
Ignore response 3
Command 4 (ANY USER COMMAND)
Response 4 - 0X6080XXXX[1]
Table 31. Expected initial responses after tPOR_DataValid post POR
[1]
Response 4 is 0x6080XXXX after tPOR_DataValid wait time from POR. Otherwise only after tPOR_I2C/POR_SPI wait time from POR, response would be 0x6081
XXXX due to DEVINIT bit still set to 1.
Before soft reset, write SOURCEID_0 in address 1Ah with a non-zero value. Address 1Ah is read back to check
soft reset sanity.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
24 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com