Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 9Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 10Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 11Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.3.3 Digital signal processor (DSP)
A DSP is used to perform signal filtering and compensation. A diagram illustrating the signal processing flow
within the DSP is shown in Figure 6.
aaa-029737
Σ OUT = Y(Z)
SINC
FILTER
TRIM
IIR
LPF
PABS
OFFSET
AND
GAIN ADJUST
Figure 6. Signal chain diagram
7.3.3.1 Decimation sinc filter
In Equation 2, the output of the ΣΔ modulator is decimated and converted to a parallel value by two third-order
sinc filters; the first with a decimation ratio of 24 and the second with a decimation ratio of 4.
(2)
aaa-023449
frequency (Hz)
103
105
104
20
magnitude
(dB)
-120
-100
-80
-60
-40
-20
0
minimum
typical
maximum
Figure 7. Sinc filter response
7.3.3.2 Signal trim and compensation
The device includes digital trim to compensate for sensor offset, sensitivity, and nonlinearity over temperature.
7.3.3.3 Low-pass filter
Data from the sinc filter is processed by an infinite impulse response (IIR) low-pass filter with the transfer
function and coefficients shown in Equation 3.
(3)
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
8 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com