Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit[1][2] Symbol
Description
0 — No error detected
1 — Error detected in the continuity of the edge seal monitor circuit
Table 40. DEVSTAT1 - device status register (address 02h) bit description...continued
[1]
During POR and soft reset ignore DEVSTAT1 error flags, refer to Section 7.5.5.
[2]
A common timer is used for all error bits in the DEVSTAT1 register. If any supply error is present, the timer is reset to tUVOV_RCV. This bit is cleared based
on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR register as shown in Section 7.7.4.
7.7.2.3 DEVSTAT2 - device status register (address 03h)
Bit
7
6
5
4
3
2
1
0
Symbol
F_OTP_
ERR
U_OTP_
ERR
U_RW_ERR
U_W_
ACTIVE
reserved
TEMP0_
ERR
reserved
reserved
Reset
0
0
0
0
reserved
0
reserved
reserved
Access
R
R
R
R
R
R
R
R
Table 41. DEVSTAT2 - device status register (address 03h) bit allocation
Bit
Symbol
Description
7
F_OTP_ERR
The NXP factory OTP array error bit is set if a fault is detected in the factory OTP array.
This error is cleared by a read of the DEVSTAT2 register through any communication
interface or on a data transmission that includes the error in the status field.
0 — No error detected
1 — Error detected in the NXP factory OTP array
6
U_OTP_ERR
The user OTP array error bit is set if a fault is detected in the user OTP array. This error is
cleared by a read of the DEVSTAT2 register through any communication interface or on a
data transmission that includes the error in the status field.
0 — No error detected
1 — Error detected in the user OTP array
5
U_RW_ERR
When ENDINIT is set, an error detection is enabled for all user writable registers. The
error detection code is continuously calculated on the user writable registers and verified
against a previously calculated error detection code. If a mismatch is detected in the error
detection, the U_RW_ERR bit is set. This error is cleared by a read of the DEVSTAT2
register through any communication interface or on a data transmission that includes the
error in the status field.
0 — No error detected
1 — Error detected in the user read/write array
4
U_W_ACTIVE
The user OTP write in process status bit is set if a user initiated write to OTP is in process.
The U_W_ACTIVE bit is automatically cleared once the write to OTP is complete.
0 — No OTP write in process
1 — OTP write in process
2
TEMP0_ERR
The temperature error bit is set if an overtemperature or undertemperature condition
exists. This error is cleared by a read of the DEVSTAT2 register through any
communication interface or on a data transmission that includes the error in the status
field.
0 — No error detected
1 — Overtemperature or undertemperature error condition detected
Table 42. DEVSTAT2 - device status register (address 03h) bit description
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
33 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com