Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 161Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 162Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 163Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 164Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 165Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 166Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 167Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 168Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
165
Chapter 17
Ordering Information and Mechanical Specifications
17.1 Introduction
This section contains order numbers for the MC68HC908QY1, MC68HC908QY2, MC68HC908QY4,
MC68HC908QT1, MC68HC908QT2, and MC69HC908QT4. Dimensions are given for:
•
8-pin plastic dual in-line package (PDIP)
•
8-pin small outline integrated circuit (SOIC) package
•
8-pin dual flat no lead (DFN) package
•
16-pin PDIP
•
16-pin SOIC
•
16-pin thin shrink small outline package (TSSOP)
17.2 MC Order Numbers
Figure 17-1. Device Numbering System
17.3 Package Dimensions
Refer to the following pages for detailed package dimensions.
Table 17-1. MC Order Numbers
MC Order Number
ADC
FLASH Memory
Package
MC908QY1
—
1536 bytes
16-pins
PDIP, SOIC,
and TSSOP
MC908QY2
Yes
1536 bytes
MC908QY4
Yes
4096 bytes
MC908QT1
—
1536 bytes
8-pins
PDIP, SOIC,
and DFN
MC908QT2
Yes
1536 bytes
MC908QT4
Yes
4096 bytes
Temperature and package designators:
C = –40°C to +85°C
V = –40°C to +105°C
M = –40°C to +125°C
P = Plastic dual in-line package (PDIP)
DW = Small outline integrated circuit package (SOIC)
DT = Thin shrink small outline package (TSSOP)
FQ = Dual flat no lead (DFN)
M C 9 0 8 Q Y 1 X X X E
FAMILY
PACKAGE DESIGNATOR
TEMPERATURE RANGE
Pb FREE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com