Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 157Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 158Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 159Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 160Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 161Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 162Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 163Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 164Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 184 page
background image
Analog-to-Digital Converter Characteristics
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
161
16.14 Analog-to-Digital Converter Characteristics
Characteristic
Symbol
Min
Max
Unit
Comments
Supply voltage
VDDAD
2.7
(VDD min)
5.5
(VDD max)
V—
Input voltages
VADIN
VSS
VDD
V—
Resolution
(1 LSB)
RES
10.5
21.5
mV
—
Absolute accuracy
(Total unadjusted error)
ETUE
—
± 1.5
LSB
Includes quantization
ADC internal clock
fADIC
0.5
1.048
MHz
tADIC = 1/fADIC,
tested only at 1 MHz
Conversion range
VAIN
VSS
VDD
V—
Power-up time
tADPU
16
—
tADIC cycles
tADIC = 1/fADIC
Conversion time
tADC
16
17
tADIC cycles
tADIC = 1/fADIC
Sample time(1)
1. Source impedances greater than 10 k
Ω adversely affect internal RC charging time during input sampling.
tADS
5—
tADIC cycles
tADIC = 1/fADIC
Zero input reading(2)
2. Zero-input/full-scale reading requires sufficient decoupling measures for accurate conversions.
ZADI
00
01
Hex
VIN = VSS
Full-scale reading(3)
FADI
FE
FF
Hex
VIN = VDD
Input capacitance
CADI
—
8
pF
Not tested
Input leakage(3)
3. The external system error caused by input leakage current is approximately equal to the product of R source and input
current.
IIL
—± 1
µA—
ADC supply current
VDD = 3 V
VDD = 5 V
IADAD
Typical = 0.45
Typical = 0.65
mA
mA
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com