Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 154Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 155Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 156Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 157Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 158Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 159Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 160Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 161Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 184 page
background image
Electrical Specifications
MC68HC908QY/QT Family Data Sheet, Rev. 5
158
Freescale Semiconductor
16.12 3-V Oscillator Characteristics
Figure 16-8. RC versus Frequency (3 Volts @ 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Internal oscillator frequency(1)
1. Bus frequency, fOP, is oscillator frequency divided by 4.
fINTCLK
—12.8
—
MHz
Deviation from trimmed Internal oscillator (2)(3)
12.8 MHz, fixed voltage, fixed temp
12.8 MHz, VDD ± 10%, 0 to 70°C
12.8 MHz, VDD ± 10%, –40 to 125°C
2. Deviation values assumes trimming @25°C and midpoint of voltage range.
3. Values are based on characterization results, not tested in production.
ACCINT
—
—
—
± 0.4
± 2
—
—
—
± 5
%
Crystal frequency, XTALCLK(1)
fOSCXCLK
1—
16
MHz
External RC oscillator frequency, RCCLK (1)
fRCCLK
2—
10
MHz
External clock reference frequency(1) (4)
4. No more than 10% duty cycle deviation from 50%
fOSCXCLK
dc
—
16
MHz
Crystal load capacitance(5)
5. Consult crystal vendor data sheet
CL
—20—
pF
Crystal fixed capacitance(3)
C1
—
2 x CL
——
Crystal tuning capacitance(3)
C2
—
2 x CL
——
Feedback bias resistor
RB
0.5
1
10
M
Ω
RC oscillator external resistor
REXT
See Figure 16-8
—
Crystal series damping resistor
fOSCXCLK = 1 MHz
fOSCXCLK = 4 MHz
fOSCXCLK = > 8 MHz
RS
—
—
—
10
5
0
—
—
—
k
Ω
0
2
4
6
8
10
12
0
10
20
3040
5060
R
EXT (kΩ)
3 V 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com