Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 151Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 152Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 153Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 154Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 155Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 156Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 157Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 158Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 184 page
background image
3-V DC Electrical Characteristics
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
155
16.9 3-V DC Electrical Characteristics
Characteristic(1)
1. VDD = 2.7 to 3.3 Vdc, VSS = 0 Vdc, TA = TL to TH, unless otherwise noted.
Symbol
Min
Typ(2)
2. Typical values reflect average measurements at midpoint of voltage range, 25°C only.
Max
Unit
Output high voltage
ILoad = –0.6 mA, all I/O pins
ILoad = –4.0 mA, all I/O pins
ILoad = –10.0 mA, PTA0, PTA1, PTA3–PTA5 only
VOH
VDD–0.3
VDD–1.0
VDD–0.8
—
—
—
—
—
—
V
Maximum combined IOH (all I/O pins)
IOHT
——
50
mA
Output low voltage
ILoad = 0.5 mA, all I/O pins
ILoad = 6.0 mA, all I/O pins
ILoad = 10.0 mA, PTA0, PTA1, PTA3–PTA5 only
VOL
—
—
—
—
—
—
0.3
1.0
0.8
V
Maximum combined IOL (all I/O pins)
IOLT
——
50
mA
Input high voltage
PTA0–PTA5, PTB0–PTB7
VIH
0.7 x VDD
—
VDD
V
Input low voltage
PTA0–PTA5, PTB0–PTB7
VIL
VSS
—
0.3 x VDD
V
Input hysteresis
VHYS
0.06 x VDD
——
V
DC injection current, all ports
IINJ
–2
—
+2
mA
Total dc current injection (sum of all I/O)
IINJTOT
–25
—
+25
mA
Ports Hi-Z leakage current
IIL
–1
±0.1
+1
µA
Capacitance
Ports (as input)
Ports (as input)
CIN
COUT
—
—
—
—
12
8
pF
POR rearm voltage(3)
3. Maximum is highest voltage that POR is guaranteed.
VPOR
0
—
100
mV
POR rise time ramp rate(4)
4. If minimum VDD is not reached before the internal POR reset is released, the LVI will hold the part in reset until minimum
VDD is reached.
RPOR
0.035
—
—
V/ms
Monitor mode entry voltage
VTST
VDD + 2.5
—
VDD + 4.0
V
Pullup resistors(5)
PTA0–PTA5, PTB0–PTB7
5. RPU are measured at VDD = 3.0 V
RPU
16
26
36
k
Ω
Low-voltage inhibit reset, trip falling voltage
VTRIPF
2.40
2.55
2.70
V
Low-voltage inhibit reset, trip rising voltage
VTRIPR
2.50
2.65
2.80
V
Low-voltage inhibit reset/recover hysteresis
VHYS
—60
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com