Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 149Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 150Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 151Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 152Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 153Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 154Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 155Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 156Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 184 page
background image
5-V Control Timing
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
153
16.7 5-V Control Timing
Figure 16-3. RST and IRQ Timing
Characteristic(1)
1. VDD = 4.5 to 5.5 Vdc, VSS = 0 Vdc, TA = TL to TH; timing shown with respect to 20% VDD and 70% VSS, unless otherwise
noted.
Symbol
Min
Max
Unit
Internal operating frequency
fOP (fBus)
—8
MHz
Internal clock period (1/fOP)tcyc
125
—
ns
RST input pulse width low
tRL
100
—
ns
IRQ interrupt pulse width low (edge-triggered)
tILIH
100
—
ns
IRQ interrupt pulse period
tILIL
Note(2)
2. The minimum period is the number of cycles it takes to execute the interrupt service routine plus 1 tcyc.
—
tcyc
RST
IRQ
tRL
tILIH
tILIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com