Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 152Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 153Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 154Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 155Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 156Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 157Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 158Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 159Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 184 page
background image
Electrical Specifications
MC68HC908QY/QT Family Data Sheet, Rev. 5
156
Freescale Semiconductor
16.10 Typical 3.0-V Output Drive Characteristics
Figure 16-5. Typical 3-Volt Output High Voltage
versus Output High Current (25°C)
Figure 16-6. Typical 3-Volt Output Low Voltage
versus Output Low Current (25°C)
0.0
0.5
1.0
1.5
-20
-15
-10
-5
0
IOH (mA)
3V PTA
3V PTB
0.0
0.5
1.0
1.5
0
5
10
15
20
IOL (mA)
3V PTA
3V PTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com