| Electronic Components Datasheet Search |
|
MC908QT4MPE Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC908QT4MPE Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc |
|
149 / 184 page ![]() MC68HC908QY/QT Family Data Sheet, Rev. 5 Freescale Semiconductor 149 Chapter 16 Electrical Specifications 16.1 Introduction This section contains electrical and timing specifications. 16.2 Absolute Maximum Ratings Maximum ratings are the extreme limits to which the microcontroller unit (MCU) can be exposed without permanently damaging it. NOTE This device is not guaranteed to operate properly at the maximum ratings. Refer to 16.5 5-V DC Electrical Characteristics and 16.9 3-V DC Electrical Characteristics for guaranteed operating conditions. NOTE This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum-rated voltages to this high-impedance circuit. For proper operation, it is recommended that VIN and VOUT be constrained to the range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of operation is enhanced if unused inputs are connected to an appropriate logic voltage level (for example, either VSS or VDD.) Characteristic(1) 1. Voltages references to VSS. Symbol Value Unit Supply voltage VDD –0.3 to +6.0 V Input voltage VIN VSS –0.3 to VDD +0.3 V Mode entry voltage, IRQ pin VTST VSS –0.3 to +9.1 V Maximum current per pin excluding PTA0–PTA5, VDD, and VSS I±15 mA Maximum current for pins PTA0–PTA5 IPTA0—IPTA5 ±25 mA Storage temperature TSTG –55 to +150 °C Maximum current out of VSS IMVSS 100 mA Maximum current into VDD IMVDD 100 mA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |