Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 141Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 142Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 143Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 144Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 145Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 146Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 147Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 148Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
Monitor Module (MON)
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
145
The monitor ROM firmware echoes each received byte back to the PTA0 pin for error checking. An 11-bit
delay at the end of each command allows the host to send a break character to cancel the command. A
delay of two bit times occurs before each echo and before READ, IREAD, or READSP data is returned.
The data returned by a read command appears after the echo of the last byte of the command.
NOTE
Wait one bit time after each echo before sending the next byte.
Figure 15-15. Read Transaction
Figure 15-16. Write Transaction
A brief description of each monitor mode command is given in Table 15-3 through Table 15-8.
Table 15-3. READ (Read Memory) Command
Description
Read byte from memory
Operand
2-byte address in high-byte:low-byte order
Data Returned
Returns contents of specified address
Opcode
$4A
Command Sequence
READ
READ
ECHO
FROM
HOST
ADDRESS
HIGH
ADDRESS
HIGH
ADDRESS
LOW
ADDRESS
LOW
DATA
RETURN
13, 2
11
4
4
Notes:
2 = Data return delay, 2 bit times
3 = Cancel command delay, 11 bit times
4 = Wait 1 bit time before sending next byte.
44
1 = Echo delay, 2 bit times
WRITE
WRITE
ECHO
FROM
HOST
ADDRESS
HIGH
ADDRESS
HIGH
ADDRESS
LOW
ADDRESS
LOW
DATA
DATA
Notes:
2 = Cancel command delay, 11 bit times
3 = Wait 1 bit time before sending next byte.
11
3
11
3
3
32, 3
1 = Echo delay, 2 bit times
READ
READ
ECHO
SENT TO MONITOR
ADDRESS
HIGH
ADDRESS
HIGH
ADDRESS
LOW
DATA
RETURN
ADDRESS
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com