Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 146Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 147Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 148Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 149Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 150Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 151Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 152Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 153Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
Electrical Specifications
MC68HC908QY/QT Family Data Sheet, Rev. 5
150
Freescale Semiconductor
16.3 Functional Operating Range
16.4 Thermal Characteristics
Characteristic
Symbol
Value
Unit
Temp.
Code
Operating temperature range
TA
– 40 to +125
– 40 to +105
– 40 to +85
°C
M
V
C
Operating voltage range
VDD
2.7 to 5.5
V
—
Characteristic
Symbol
Value
Unit
Thermal resistance
8-pin PDIP
8-pin SOIC
8-pin DFN
16-pin PDIP
16-pin SOIC
16-pin TSSOP
θJA
105
142
173
76
90
133
°C/W
I/O pin power dissipation
PI/O
User determined
W
Power dissipation(1)
1. Power dissipation is a function of temperature.
PD
PD = (IDD x VDD)
+ PI/O = K/(TJ + 273°C)
W
Constant(2)
2. K constant unique to the device. K can be determined for a known TA and measured PD. With this value of K, PD and TJ
can be determined for any value of TA.
K
PD x (TA + 273°C)
+ PD
2 x θJA
W/°C
Average junction temperature
TJ
TA + (PD x θJA)
°C
Maximum junction temperature
TJM
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com