Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 68 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 64Page - STMicroelectronics M29DW128F Datasheet HTML 65Page - STMicroelectronics M29DW128F Datasheet HTML 66Page - STMicroelectronics M29DW128F Datasheet HTML 67Page - STMicroelectronics M29DW128F Datasheet HTML 68Page - STMicroelectronics M29DW128F Datasheet HTML 69Page - STMicroelectronics M29DW128F Datasheet HTML 70Page - STMicroelectronics M29DW128F Datasheet HTML 71Page - STMicroelectronics M29DW128F Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
Part numbering
M29DW128F
68/94
12
Part numbering
Note:
This product is also available with the Extended Block factory locked. For further details and
ordering information contact your nearest ST sales office.
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Office.
Table 33.
Ordering information scheme
Example:
M29DW128F
70 NF 1 T
Device type
M29
Architecture
D = Dual Operation
Operating voltage
W = VCC = 2.7 to 3.6V
Device function
128F = 128 Mbit (x8/x16), Multiple Bank, Page, Boot Block, 16+48+48+16
partitioning, Flash Memory
Speed
60 = 60ns
70 = 70ns
Package
NF = TSOP56: 14 x 20 mm
ZA = TBGA64: 10 x13mm, 1mm pitch
Temperature range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel 24mm Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com