Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 11Page - STMicroelectronics M29DW128F Datasheet HTML 12Page - STMicroelectronics M29DW128F Datasheet HTML 13Page - STMicroelectronics M29DW128F Datasheet HTML 14Page - STMicroelectronics M29DW128F Datasheet HTML 15Page - STMicroelectronics M29DW128F Datasheet HTML 16Page - STMicroelectronics M29DW128F Datasheet HTML 17Page - STMicroelectronics M29DW128F Datasheet HTML 18Page - STMicroelectronics M29DW128F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
M29DW128F
Signal descriptions
15/94
2.7
Write Enable (W)
The Write Enable pin, W, controls the Bus Write operation of the memory’s Command
Interface.
2.8
VPP/Write Protect (VPP/WP)
The VPP/Write Protect pin provides two functions. The VPP function allows the memory to
use an external high voltage power supply to reduce the time required for Program
operations. This is achieved by bypassing the unlock cycles and/or using the multiple Word
(2 or 4 at-a-time) or multiple byte Program (2, 4 or 8 at-a-time) commands.
The Write Protect function provides a hardware method of protecting the four outermost
boot blocks (two at the top, and two at the bottom of the address space). When VPP/Write
Protect is Low, VIL, the memory protects the four outermost boot blocks; Program and Erase
operations in these blocks are ignored while VPP/Write Protect is Low, even when RP is at
VID.
When VPP/Write Protect is High, VIH, the memory reverts to the previous protection status
of the four outermost boot blocks. Program and Erase operations can now modify the data
in these blocks unless the blocks are protected using Block Protection.
Applying VPPH to the VPP/WP pin will temporarily unprotect any block previously protected
(including the four outermost parameter blocks) using a High Voltage Block Protection
technique (In-System or Programmer technique). See Table 9: Hardware Protection for
details.
When VPP/Write Protect is raised to VPP the memory automatically enters the Unlock
Bypass mode. When VPP/Write Protect returns to VIH or VIL normal operation resumes.
During Unlock Bypass Program operations the memory draws IPP from the pin to supply the
programming circuits. See the description of the Unlock Bypass command in the Command
Interface section. The transitions from VIH to VPP and from VPP to VIH must be slower than
tVHVPP, see Figure 20.
Never raise VPP/Write Protect to VPP from any mode except Read mode, otherwise the
memory may be left in an indeterminate state.
The VPP/Write Protect pin must not be left floating or unconnected or the device may
become unreliable. A 0.1µF capacitor should be connected between the VPP/Write Protect
pin and the VSS Ground pin to decouple the current surges from the power supply. The PCB
track widths must be sufficient to carry the currents required during Unlock Bypass Program,
IPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com