Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 74 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 74 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 70Page - STMicroelectronics M29DW128F Datasheet HTML 71Page - STMicroelectronics M29DW128F Datasheet HTML 72Page - STMicroelectronics M29DW128F Datasheet HTML 73Page - STMicroelectronics M29DW128F Datasheet HTML 74Page - STMicroelectronics M29DW128F Datasheet HTML 75Page - STMicroelectronics M29DW128F Datasheet HTML 76Page - STMicroelectronics M29DW128F Datasheet HTML 77Page - STMicroelectronics M29DW128F Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
Block addresses and Read/Modify Protection Groups
M29DW128F
74/94
155
64/32
Protection Group
940000h–94FFFFh
4A0000h–4A7FFFh
156
64/32
950000h–95FFFFh
4A8000h–4AFFFFh
157
64/32
960000h–96FFFFh
4B0000h–4B7FFFh
158
64/32
970000h–97FFFFh
4B8000h–4BFFFFh
159
64/32
Protection Group
980000h–98FFFFh
4C0000h–4C7FFFh
160
64/32
990000h–99FFFFh
4C8000h–4CFFFFh
161
64/32
9A0000h–9AFFFFh
4D0000h–4D7FFFh
162
64/32
9B0000h–9BFFFFh
4D8000h–4DFFFFh
163
64/32
Protection Group
9C0000h–9CFFFFh
4E0000h–4E7FFFh
164
64/32
9D0000h–9DFFFFh
4E8000h–4EFFFFh
165
64/32
9E0000h–9EFFFFh
4F0000h–4F7FFFh
166
64/32
9F0000h–9FFFFFh
4F8000h-4FFFFFh
167
64/32
Protection Group
A00000h–A0FFFFh
500000h–507FFFh
168
64/32
A10000h–A1FFFFh
508000h–50FFFFh
169
64/32
A20000h–A2FFFFh
510000h–517FFFh
170
64/32
A30000h–A3FFFFh
518000h–51FFFFh
171
64/32
Protection Group
A40000h–A4FFFFh
520000h–527FFFh
172
64/32
A50000h–A5FFFFh
528000h–52FFFFh
173
64/32
A60000h–A6FFFFh
530000h–537FFFh
174
64/32
A70000h–A7FFFFh
538000h–53FFFFh
175
64/32
Protection Group
A80000h–A8FFFFh
540000h–547FFFh
176
64/32
A90000h–A9FFFFh
548000h–54FFFFh
177
64/32
AA0000h–AAFFFFh
550000h–557FFFh
178
64/32
AB0000h–ABFFFFh
558000h–55FFFFh
179
64/32
Protection Group
AC0000h–ACFFFFh
560000h–567FFFh
180
64/32
AD0000h–ADFFFFh
568000h–56FFFFh
181
64/32
AE0000h–AEFFFFh
570000h–577FFFh
182
64/32
AF0000h-AFFFFFh
578000h–57FFFFh
183
64/32
Protection Group
B00000h–B0FFFFh
580000h–587FFFh
184
64/32
B10000h–B1FFFFh
588000h–58FFFFh
185
64/32
B20000h–B2FFFFh
590000h–597FFFh
186
64/32
B30000h-B3FFFFh
598000h–59FFFFh
Table 34.
Block Addresses and Protection Groups (continued)
Bank
Block
Size
(kbytes/KWords)
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com