Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 73 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 73 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 69Page - STMicroelectronics M29DW128F Datasheet HTML 70Page - STMicroelectronics M29DW128F Datasheet HTML 71Page - STMicroelectronics M29DW128F Datasheet HTML 72Page - STMicroelectronics M29DW128F Datasheet HTML 73Page - STMicroelectronics M29DW128F Datasheet HTML 74Page - STMicroelectronics M29DW128F Datasheet HTML 75Page - STMicroelectronics M29DW128F Datasheet HTML 76Page - STMicroelectronics M29DW128F Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
M29DW128F
Block addresses and Read/Modify Protection Groups
73/94
123
64/32
Protection Group
740000h–74FFFFh
3A0000h–3A7FFFh
124
64/32
750000h–75FFFFh
3A8000h–3AFFFFh
125
64/32
760000h–76FFFFh
3B0000h–3B7FFFh
126
64/32
770000h–77FFFFh
3B8000h–3BFFFFh
127
64/32
Protection Group
780000h–78FFFFh
3C0000h–3C7FFFh
128
64/32
790000h–79FFFFh
3C8000h–3CFFFFh
129
64/32
7A0000h–7AFFFFh
3D0000h–3D7FFFh
130
64/32
7B0000h–7BFFFFh
3D8000h–3DFFFFh
131
64/32
Protection Group
7C0000h–7CFFFFh
3E0000h–3E7FFFh
132
64/32
7D0000h–7DFFFFh
3E8000h–3EFFFFh
133
64/32
7E0000h–7EFFFFh
3F0000h–3F7FFFh
134
64/32
7F0000h-7FFFFFh
3F8000h-3FFFFFh
135
64/32
Protection Group
800000h–80FFFFh
400000h–407FFFh
136
64/32
810000h–81FFFFh
408000h–40FFFFh
137
64/32
820000h–82FFFFh
410000h–417FFFh
138
64/32
830000h–83FFFFh
418000h–41FFFFh
139
64/32
Protection Group
840000h–84FFFFh
420000h–427FFFh
140
64/32
850000h–85FFFFh
428000h–42FFFFh
141
64/32
860000h–86FFFFh
430000h–437FFFh
142
64/32
870000h–87FFFFh
438000h–43FFFFh
143
64/32
Protection Group
880000h–88FFFFh
440000h–447FFFh
144
64/32
890000h–89FFFFh
448000h–44FFFFh
145
64/32
8A0000h–8AFFFFh
450000h–457FFFh
146
64/32
8B0000h–8BFFFFh
458000h–45FFFFh
147
64/32
Protection Group
8C0000h–8CFFFFh
460000h–467FFFh
148
64/32
8D0000h–8DFFFFh
468000h–46FFFFh
149
64/32
8E0000h–8EFFFFh
470000h–477FFFh
150
64/32
8F0000h-8FFFFFh
478000h–47FFFFh
151
64/32
Protection Group
900000h-90FFFFh
480000h–487FFFh
152
64/32
910000h–91FFFFh
488000h–48FFFFh
153
64/32
920000h–92FFFFh
490000h–497FFFh
154
64/32
930000h–93FFFFh
498000h–49FFFFh
Table 34.
Block Addresses and Protection Groups (continued)
Bank
Block
Size
(kbytes/KWords)
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com