Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 72 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 68Page - STMicroelectronics M29DW128F Datasheet HTML 69Page - STMicroelectronics M29DW128F Datasheet HTML 70Page - STMicroelectronics M29DW128F Datasheet HTML 71Page - STMicroelectronics M29DW128F Datasheet HTML 72Page - STMicroelectronics M29DW128F Datasheet HTML 73Page - STMicroelectronics M29DW128F Datasheet HTML 74Page - STMicroelectronics M29DW128F Datasheet HTML 75Page - STMicroelectronics M29DW128F Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
Block addresses and Read/Modify Protection Groups
M29DW128F
72/94
91
64/32
Protection Group
540000h–54FFFFh
2A0000h–2A7FFFh
92
64/32
550000h–55FFFFh
2A8000h–2AFFFFh
93
64/32
560000h–56FFFFh
2B0000h–2B7FFFh
94
64/32
570000h–57FFFFh
2B8000h–2BFFFFh
95
64/32
Protection Group
580000h–58FFFFh
2C0000h–2C7FFFh
96
64/32
590000h–59FFFFh
2C8000h–2CFFFFh
97
64/32
5A0000h–5AFFFFh
2D0000h–2D7FFFh
98
64/32
5B0000h–5BFFFFh
2D8000h–2DFFFFh
99
64/32
Protection Group
5C0000h–5CFFFFh
2E0000h–2E7FFFh
100
64/32
5D0000h–5DFFFFh
2E8000h–2EFFFFh
101
64/32
5E0000h–5EFFFFh
2F0000h–2F7FFFh
102
64/32
5F0000h–5FFFFFh
2F8000h–2FFFFFh
103
64/32
Protection Group
600000h–60FFFFh
300000h–307FFFh
104
64/32
610000h–61FFFFh
308000h–30FFFFh
105
64/32
620000h–62FFFFh
310000h–317FFFh
106
64/32
630000h–63FFFFh
318000h–31FFFFh
107
64/32
Protection Group
640000h–64FFFFh
320000h–327FFFh
108
64/32
650000h–65FFFFh
328000h–32FFFFh
109
64/32
660000h–66FFFFh
330000h–337FFFh
110
64/32
670000h–67FFFFh
338000h–33FFFFh
111
64/32
Protection Group
680000h–68FFFFh
340000h–347FFFh
112
64/32
690000h–69FFFFh
348000h–34FFFFh
113
64/32
6A0000h–6AFFFFh
350000h–357FFFh
114
64/32
6B0000h–6BFFFFh
358000h–35FFFFh
115
64/32
Protection Group
6C0000h–6CFFFFh
360000h–367FFFh
116
64/32
6D0000h–6DFFFFh
368000h–36FFFFh
117
64/32
6E0000h–6EFFFFh
370000h–377FFFh
118
64/32
6F0000h–6FFFFFh
378000h–37FFFFh
119
64/32
Protection Group
700000h–70FFFFh
380000h–387FFFh
120
64/32
710000h–71FFFFh
388000h–38FFFFh
121
64/32
720000h–72FFFFh
390000h–397FFFh
122
64/32
730000h–73FFFFh
398000h–39FFFFh
Table 34.
Block Addresses and Protection Groups (continued)
Bank
Block
Size
(kbytes/KWords)
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com