Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 86 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 86 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 82Page - STMicroelectronics M29DW128F Datasheet HTML 83Page - STMicroelectronics M29DW128F Datasheet HTML 84Page - STMicroelectronics M29DW128F Datasheet HTML 85Page - STMicroelectronics M29DW128F Datasheet HTML 86Page - STMicroelectronics M29DW128F Datasheet HTML 87Page - STMicroelectronics M29DW128F Datasheet HTML 88Page - STMicroelectronics M29DW128F Datasheet HTML 89Page - STMicroelectronics M29DW128F Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
High Voltage Block Protection
M29DW128F
86/94
D.2
In-System technique
The In-System technique requires a high voltage level on the Reset/Blocks Temporary Unprotect pin, RP
(1). This can be achieved without violating the maximum ratings of the components on the
microprocessor bus, therefore this technique is suitable for use after the memory has been fitted to the
system.
To protect a group of blocks follow the flowchart in Figure 25: In-System equipment Group Protect
flowchart. To unprotect the whole chip it is necessary to protect all of the groups first, then all the groups
can be unprotected at the same time. To unprotect the chip follow Figure 26: In-System equipment Chip
Unprotect flowchart.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a pause is
specified, it is followed as closely as possible. Do not allow the microprocessor to service interrupts that
will upset the timing and do not abort the procedure before reaching the end. Chip Unprotect can take
several seconds and a user message should be provided to show that the operation is progressing.
Note:
RP can be either at VIH or at VID when using the In-System Technique to protect the
Extended Block.
Table 42.
Programmer technique Bus operations, 8-bit or 16-bit mode
Operation
E
G
W
Address Inputs
A0-A22
Data Inputs/Outputs
DQ15A–1, DQ14-DQ0
Block (Group) Protect(1)
VIL
VID VIL Pulse
A9 = VID, A12-A22 Block Address
Others = X
X
Chip Unprotect
VID
VID VIL Pulse
A6 = VIH, A9 = VID, A12 = VIH,
A15 = VIH Others = X
X
Block (Group) Protect
Verify
VIL
VIL
VIH
A0 = VIL, A1 = VIH, A2-A7 = VIL,
A9 = VID, A12-A22 Block Address
Others = X
Pass = xx01h
Retry = xx00h.
Block (Group) Unprotect
Verify
VIL
VIL
VIH
A0 = VIL, A1 = VIH, A2 -A5 = VIL,
A6 = VIH, A7 = VIL,
A9 = VID, A12-A22 Block Address
Others = X
Pass = xx00h
Retry = xx01h.
1.
Block Protection Groups are shown inAppendix A, Table 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com