Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 59Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 60Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 61Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 62Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 63Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 64Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 65Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 66Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
M29DW128F
DC and AC parameters
63/94
Figure 16.
Toggle and Alternative Toggle bits mechanism, Chip Enable Controlled
1.
The Toggle bit is output on DQ6.
2.
The Alternative Toggle bit is output on DQ2.
3.
Refer to Table 26: Read AC characteristics for the value of tELQV.
Figure 17.
Toggle and Alternative Toggle bits mechanism, Output Enable Controlled
1.
The Toggle bit is output on DQ6.
2.
The Alternative Toggle bit is output on DQ2.
3.
Refer to Table 26: Read AC characteristics for the value of tGLQV.
AI08914e
G
A0-A22
DQ2(1)/DQ6(2)
E
tAXEL
tELQV
Data
Data
Toggle/
Alt.Toggle Bit
tELQV
Address in the Bank
being Programmed or Erased
Read Operation outside the Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed or Erased
Toggle/
Alt.Toggle Bit
Read Operation Outside the Bank
Being Programmed or Erased
Read Operation in the Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed or Erased
AI08915e
G
A0-A22
DQ2(1)/DQ6(2)
E
tAXGL
tGLQV
Data
Data
Toggle/
Alt.Toggle Bit
tGLQV
Address in the Bank
being Programmed/Erased
Read Operation outside Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed/Erased
Toggle/
Alt.Toggle Bit
Read Operation outside Bank
Being Programmed or Erased
Read Operation in Bank
Being Programmed or Erased
Address Outside the Bank
being Programmed/Erased
Table 29.
Toggle and Alternative Toggle bits AC characteristics
Symbol
Alt
Parameter
M29DW128F
Unit
60
70
tAXEL
Address Transition to Chip Enable Low
Min
10
10
ns
tAXGL
Address Transition to Output Enable Low
Min
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com