Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 12Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 13Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 14Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 15Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 16Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 17Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 18Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 19Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
Signal descriptions
M29DW128F
16/94
2.9
Reset/Block Temporary Unprotect (RP)
The Reset/Block Temporary Unprotect pin can be used to apply a Hardware Reset to the
memory or to temporarily unprotect all the blocks previously protected using a High Voltage
Block Protection technique (In-System or Programmer technique).
Note that if VPP/WP is at VIL, then the four outermost parameter blocks will remain protected
even if RP is at VID.
A Hardware Reset is achieved by holding Reset/Block Temporary Unprotect Low, VIL, for at
least tPLPX. After Reset/Block Temporary Unprotect goes High, VIH, the memory will be
ready for Bus Read and Bus Write operations after tPHEL or tRHEL, whichever occurs last.
See the Ready/Busy Output section, Table 30: Reset/Block Temporary Unprotect AC
characteristics and Figure 18 and Figure 19 for more details.
Holding RP at VID will temporarily unprotect all the blocks previously protected using a High
Voltage Block Protection technique. Program and erase operations on all blocks will be
possible. The transition from VIH to VID must be slower than tPHPHH.
2.10
Ready/Busy Output (RB)
The Ready/Busy pin is an open-drain output that can be used to identify when the device is
performing a Program or erase operation. During Program or erase operations Ready/Busy
is Low, VOL. Ready/Busy is high-impedance during Read mode, Auto Select mode and
Erase Suspend mode.
After a Hardware Reset, Bus Read and Bus Write operations cannot begin until Ready/Busy
becomes high-impedance. See Table 30: Reset/Block Temporary Unprotect AC
characteristics and Figure 18 and Figure 19.
The use of an open-drain output allows the Ready/Busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.
2.11
Byte/Word Organization Select (BYTE)
It is used to switch between the x8 and x16 Bus modes of the memory when the
M29DW128F is delivered in TSOP56 package. When Byte/Word Organization Select is
Low, VIL, the memory is in x8 mode, when it is High, VIH, the memory is in x16 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com