Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 67Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 68Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 69Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 70Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 71Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 72Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 73Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 74Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
M29DW128F
Block addresses and Read/Modify Protection Groups
71/94
59
64/32
Protection Group
340000h-34FFFFh
1A0000h–1A7FFFh
60
64/32
350000h-35FFFFh
1A8000h–1AFFFFh
61
64/32
360000h-36FFFFh
1B0000h–1B7FFFh
62
64/32
370000h-37FFFFh
1B8000h–1BFFFFh
63
64/32
Protection Group
380000h-38FFFFh
1C0000h–1C7FFFh
64
64/32
390000h-39FFFFh
1C8000h–1CFFFFh
65
64/32
3A0000h-3AFFFFh
1D0000h–1D7FFFh
66
64/32
3B0000h-3BFFFFh
1D8000h–1DFFFFh
67
64/32
Protection Group
3C0000h-3CFFFFh
1E0000h–1E7FFFh
68
64/32
3D0000h-3DFFFFh
1E8000h–1EFFFFh
69
64/32
3E0000h-3EFFFFh
1F0000h–1F7FFFh
70
64/32
3F0000h-3FFFFFh
1F8000h–1FFFFFh
71
64/32
Protection Group
400000h–40FFFFh
200000h–207FFFh
72
64/32
410000h–41FFFFh
208000h–20FFFFh
73
64/32
420000h–42FFFFh
210000h–217FFFh
74
64/32
430000h–43FFFFh
218000h–21FFFFh
75
64/32
Protection Group
440000h–44FFFFh
220000h–227FFFh
76
64/32
450000h–45FFFFh
228000h–22FFFFh
77
64/32
460000h–46FFFFh
230000h–237FFFh
78
64/32
470000h–47FFFFh
238000h–23FFFFh
79
64/32
Protection Group
480000h–48FFFFh
240000h–247FFFh
80
64/32
490000h–49FFFFh
248000h–24FFFFh
81
64/32
4A0000h–4AFFFFh
250000h–257FFFh
82
64/32
4B0000h–4BFFFFh
258000h–25FFFFh
83
64/32
Protection Group
4C0000h–4CFFFFh
260000h–267FFFh
84
64/32
4D0000h–4DFFFFh
268000h–26FFFFh
85
64/32
4E0000h–4EFFFFh
270000h–277FFFh
86
64/32
4F0000h–4FFFFFh
278000h–27FFFFh
87
64/32
Protection Group
500000h–50FFFFh
280000h–287FFFh
88
64/32
510000h–51FFFFh
288000h–28FFFFh
89
64/32
520000h–52FFFFh
290000h–297FFFh
90
64/32
530000h–53FFFFh
298000h–29FFFFh
Table 34.
Block Addresses and Protection Groups (continued)
Bank
Block
Size
(kbytes/KWords)
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com