Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 40Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 41Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 42Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 43Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 44Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 45Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 46Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 47Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
Command interface
M29DW128F
44/94
6.3.10
Set Standard Protection mode command
The Set Standard Protection Mode command puts the device in Standard Protection mode
by programming the Standard Protection Mode Lock bit to ‘1’.
Six cycles are required to issue the Standard Protection Mode command:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the program command.
3.
The fourth and fifth cycles select the address (see Table 34).
4.
The last cycle verifies if the operation has been successful. If DQ0 is set to ’1’, the
Standard Protection Mode has been successfully activated. If DQ0 is ‘0’, the operation
has failed and the command must be re-issued.
There must be a 100µs delay between the fourth and fifth cycles.
Once the Standard Protection mode is activated the device will permanently remain in this
mode.
6.3.11
Verify Standard Protection mode command
The Verify Standard Protection Mode command reads the status of the Standard Protection
Mode Lock bit. If it is ‘1’, the device is in Standard Protection mode.
6.3.12
Set Non-Volatile Modify Protection bit command
A block or group of blocks can be protected from program or erase by issuing a Set Non-
Volatile Modify Protection bit command along with the block address. This command sets
the Non-Volatile Modify Protection bit to ‘1’ for a given block or group of blocks.
Six cycles are required to issue the command:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the program command.
3.
The fourth and fifth cycles select the address (see Table 34).
4.
The last cycle verifies if the operation has been successful. If DQ0 is set to ’1’, the Non-
Volatile Modify Protection bit has been successfully programmed. If DQ0 is ‘0’, the
operation has failed and the command must be re-issued.
There must be a 100µs delay between the fourth and fifth cycles.
The Non-Volatile Modify Protection bits are erased simultaneously by issuing a Clear Non-
Volatile Modify Protection bits command except if the Lock-Down bit is set to ‘1’.
The Non-Volatile Modify Protection bits can be set a maximum of 100 times.
6.3.13
Verify Non-Volatile Modify Protection bit command
The status of a Non-Volatile Modify Protection bit for a given block or group of blocks can be
read by issuing a Verify Non-Volatile Modify Protection Bit command along with the block
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com