Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 36Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 37Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 38Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 39Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 40Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 41Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 42Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 43Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
Command interface
M29DW128F
40/94
Table 14.
Fast Program Commands, 16-bit mode(1)
Command
Bus Write operations
1st
2nd
3rd
4th
5th
6th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Write to Buffer and Program
N+
5
555
AA
2AA
55
BA
25
BA
N(2)
PA(3)
PD
WBL
(4)
PD
Write to Buffer and Program Abort and
Reset
3
555
AA
2AA
55
555
F0
Write to Buffer and Program Confirm
1
BA(5)
29
Double Word Program
3
555
50
PA0
PD0
PA1
PD1
Quadruple Word Program
5
555
56
PA0
PD0
PA1
PD1
PA2
PD2
PA3
PD3
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program
2
X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
1.
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block, BKA Bank Address, WBL Write
Buffer Location. All values in the table are in hexadecimal.
2.
The maximum number of cycles in the command sequence is 36. N+1 is the number of Words to be programmed during
the Write to Buffer and Program operation.
3.
Each buffer has the same A5-A22 addresses. A0-A4 are used to select a Word within the N+1 Word page.
4.
The 6th cycle has to be issued N time. WBL scans the Word inside the page.
5.
BA must be identical to the address loaded during the Write to buffer and Program 3rd and 4th cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com