Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 14Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 15Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 16Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 17Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 18Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 19Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 20Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 21Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
Bus operations
M29DW128F
18/94
3
Bus operations
There are five standard bus operations that control the device. These are Bus Read
(Random and Page modes), Bus Write, Output Disable, Standby and Automatic Standby.
Dual operations are possible in the M29DW128F, thanks to its multiple bank architecture.
While programming or erasing in one banks, read operations are possible in any of the other
banks. Write operations are only allowed in one bank at a time.
See Table 3 and Table 6, Bus Operations, for a summary. Typically glitches of less than 5ns
on Chip Enable, Write Enable, and Reset/Block Temporary Unprotect pins are ignored by
the memory and do not affect bus operations.
3.1
Bus Read
Bus Read operations read from the memory cells, or specific registers in the Command
Interface. To speed up the read operation the memory array can be read in Page mode
where data is internally read and stored in a page buffer. The Page has a size of 8 Words
and is addressed by the address inputs A0-A2.
A valid Bus Read operation involves setting the desired address on the Address Inputs,
applying a Low signal, VIL, to Chip Enable and Output Enable and keeping Write Enable
High, VIH. The Data Inputs/Outputs will output the value, see Figure 12: Random Read AC
waveforms, Figure 13: Page Read AC waveforms, and Table 26: Read AC characteristics,
for details of when the output becomes valid.
3.2
Bus Write
Bus Write operations write to the Command Interface. A valid Bus Write operation begins by
setting the desired address on the Address Inputs. The Address Inputs are latched by the
Command Interface on the falling edge of Chip Enable or Write Enable, whichever occurs
last. The Data Inputs/Outputs are latched by the Command Interface on the rising edge of
Chip Enable or Write Enable, whichever occurs first. Output Enable must remain High, VIH,
during the whole Bus Write operation. See Figure 14 and Figure 15, Write AC Waveforms,
and Table 27 and Table 28, Write AC Characteristics, for details of the timing requirements.
3.3
Output Disable
The Data Inputs/Outputs are in the high impedance state when Output Enable is High, VIH.
3.4
Standby
When Chip Enable is High, VIH, the memory enters Standby mode and the Data
Inputs/Outputs pins are placed in the high-impedance state. To reduce the Supply Current to
the Standby Supply Current, ICC2, Chip Enable should be held within VCC ± 0.2V. For the
Standby current level see Table 25: DC Characteristics. During program or erase operations
the memory will continue to use the Program/Erase Supply Current, ICC3, for Program or
Erase operations until the operation completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com