Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 78Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 79Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 80Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 81Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 82Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 83Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 84Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 85Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Common Flash Interface (CFI)
M29DW128F
82/94
59h
B2h
0060h
Bank B information
X = number of blocks in Bank B
96
5Ah
B4h
0060h
Bank C information
X = number of blocks in Bank C
96
5Bh
B6h
0027h
Bank D information
X = number of blocks in Bank D
39
1.
The values given in the above table are valid for both packages.
Table 39.
Primary Algorithm-Specific Extended Query table (continued)(1)
Address
Data
Description
Value
x16
x8
Table 40.
Security Code Area
Address
Data
Description
x16
x8
61h
C3h, C2h
XXXX
64 bit: unique device number
62h
C5h, C4h
XXXX
63h
C7h, C6h
XXXX
64h
C9h, C8h
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com