Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 28Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 29Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 30Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 31Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 32Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 33Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 34Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 35Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
Command interface
M29DW128F
32/94
6.1.11
Program command
The Program command can be used to program a value to one address in the memory array
at a time. The command requires four Bus Write operations, the final Write operation latches
the address and data in the internal state machine and starts the Program/Erase Controller.
Programming can be suspended and then resumed by issuing a Program Suspend
command and a Program Resume command, respectively (see Section 6.1.9: Program
Suspend command and Section 6.1.10: Program Resume command paragraphs).
If the address falls in a protected block then the Program command is ignored, the data
remains unchanged. The Status Register is never read and no error condition is given.
After programming has started, Bus Read operations in the Bank being programmed output
the Status Register content, while Bus Read operations to the other Bank output the
contents of the memory array. See the section on the Status Register for more details.
Typical program times are given in Table 18.
After the program operation has completed the memory will return to the Read mode, unless
an error has occurred. When an error occurs Bus Read operations to the Bank where the
command was issued will continue to output the Status Register. A Read/Reset command
must be issued to reset the error condition and return to Read mode.
One of the Erase Commands must be used to set all the bits in a block or in the whole
memory from ’0’ to ’1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com