Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
Product Preview
WM8594
w
PP Rev 1.0 January 2007
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
ADC_
LRSWAP
0
ADC Left/Right Swap
0 = Normal
1 = Swap left channel data into right channel
and vice-versa
8
ADCR_
INV
0
9
ADCL_
INV
0
ADCL and ADCR Output Signal Inversion
0 = Output not inverted
1 = Output inverted
R13
ADC_CTRL1
0Dh
11:10
ADC_
DATA_
SEL[1:0]
00
ADC Data Output Select
00 = left data from ADCL, right data from
ADCR
01 = left data from ADCL, right data from
ADCL
10 = left data from ADCR, right data from
ADCR
11 = left data from ADCR, right data from
ADCL
Table 24 ADC Channel Swap Control
HIGH PASS FILTER
The WM8594 includes a high pass filter to remove DC offsets. The high pass filter response is
shown on page 73. It is possible to disable the high pass filter by writing to ADC_HPD.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
12
ADC_HPD
0
ADC High Pass Filter Disable
0 = High pass filter enabled
1 = High pass filter disabled
Table 25 High Pass Filter Disable Control
CLOCK SWITCHING
The input clocks to the ADC (ADCMCLK, ADCBCLK, ADCLRCLK) can be switched between sources
if the ADC is used to supply data to multiple DSPs or application processors. Uncontrolled switching
of clocks is not recommended as this may result in clock glitches being applied to the ADC.
The WM8594 can be configured to ignore the clock inputs so that the clocks can be switched
externally. This means that the WM8594 is not affected by any glitches that arise as a result of
switching clocks. The ADC should be configured to ignore the input clocks for the duration of the
period taken to switch the clocks.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37
ADC_CLK
25h
0
ADC_
SAFE_SW
0
ADC Clock Input Safe Switching
0 = Ignore ADC Clock Inputs
1 = Use ADC Clock Inputs
Table 26 ADC Clock Switching Control
ANALOGUE ROUTING CONTROL
The WM8594 has a number of analogue paths, allowing flexible routing of a number of analogue
input signals and DAC output signals at levels up to 2Vrms. The analogue paths include volume
control with zero cross, optional soft ramp and soft mute, and flexible routing of analogue inputs and
DAC outputs to analogue outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com