Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
WM8594
Product Preview
w
PP Rev 1.0 January 2007
12
DIGITAL AUDIO INTERFACE TIMING – SLAVE MODE
Figure 2 Slave Mode Digital Audio Data Timing
Test Conditions
AVDD1, DVDD = 3.3V, AVDD2 = 9V, AGND1, AGND2, DGND = 0V, TA = +25˚C, Slave Mode, fs = 48kHz, ADCMCLK,
DACMCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
ADCBCLK / DACBCLK1 / DACBCLK2 cycle time
tBCY
80
ns
ADCBCLK / DACBCLK1 / DACBCLK2 pulse width high
tBCH
30
ns
ADCBCLK / DACBCLK1 / DACBCLK2 pulse width low
tBCL
30
ns
ADCBCLK / DACBCLK1 / DACBCLK2 rise/fall times
5
ns
ADCLRCLK / DACLRCLK1 / DACLRCLK2 set-up time to
ADCBCLK / DACBCLK1 / DACLRCLK2 rising edge
tLRSU
22
ns
ADCLRCLK / DACLRCLK1 / DACLRCLK2 hold time from
ADCBCLK / DACBCLK1 / DACBCLK2 rising edge
tLRH
25
ns
ADCLRCLK / DACLRCLK1 / DACLRCLK2 rise/fall times
5
ns
DIN1/2 hold time from DACBCLK1 / DACBCLK2 rising
edge
tDH
25
ns
DOUT propagation delay from ADCBCLK falling edge
tDD
4
16
ns
Table 2 Slave Mode Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com