Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Product Preview
WM8594
w
PP Rev 1.0 January 2007
63
R28 (1Ch) – Input Control Register 1 (INPUT_CTRL1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
Write
N/A
N/A
N/A
N/A
PGA2L_IN_SEL[3:0]
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA1R_IN_SEL[3:0]
PGA1L_IN_SEL[3:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
R29 (1Dh) – Input Control Register 2 (INPUT_CTRL2)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
Write
N/A
N/A
N/A
N/A
PGA3R_IN_SEL[3:0]
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA3L_IN_SEL[3:0]
PGA2R_IN_SEL[3:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
PGA1L_IN_SEL[3:0]
PGA2L_IN_SEL[3:0]
PGA3L_IN_SEL[3:0]
Left Input PGA Source Selection
0000 = No input selected
0001 = VIN1L selected
0010 = VIN2L selected
0011 = VIN3L selected
0100 = VIN4L selected
0101 = VIN5L selected
0110 to 1000 = reserved
1001 = DAC1L output selected
1010 = DAC1R output selected
1011 = DAC2L output selected
1100 = DAC2R output selected
1101 to 1111 = reserved
PGA1R_IN_SEL[3:0]
PGA2R_IN_SEL[3:0]
PGA3R_IN_SEL[3:0]
Right Input PGA Source Selection
0000 = No input selected
0001 = VIN1R selected
0010 = VIN2R selected
0011 = VIN3R selected
0100 = VIN4R selected
0101 = VIN5R selected
0110 to 1000 = reserved
1001 = DAC1L output selected
1010 = DAC1R output selected
1011 = DAC2L output selected
1100 = DAC2R output selected
1101 to 1111 = reserved
Figure 44 R28-29 – Input Control Registers 1-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com