Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
Product Preview
WM8594
w
PP Rev 1.0 January 2007
71
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter
Passband
± 0.05dB
0.454fs
Passband Ripple
0.05
dB
Stopband
0.546fs
Stopband Attenuation
-60
dB
Group Delay
16
fs
DAC Filter – 32kHz to 96kHz
Passband
± 0.1dB
0.454fs
Passband Ripple
0.1
dB
Stopband
0.546fs
Stopband attenuation
f > 0.546fs
-50
dB
Group Delay
10
Fs
DAC Filter – 176.4kHz to 192kHz
Passband
± 0.1dB
0.247fs
Passband Ripple
0.1
dB
Stopband
0.753fs
Stopband attenuation
f > 0.546fs
-50
dB
Group Delay
10
Fs
DAC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 54 DAC Digital Filter Frequency Response
– 32kHz to 96kHz
Figure 55 DAC Digital Filter Ripple –32kHz to 96kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com