Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Product Preview
WM8594
w
PP Rev 1.0 January 2007
19
Figure 7 2-Wire Auto-Increment Register Write
REGISTER READBACK
The WM8594 allows readback of all registers with data output on the bidirectional SDIN pin. The
protocol is similar to that used to write to the device. The controller will issue the device address
followed by a write bit, and the register index will then be passed to the WM8594.
At this point the controller will issue a repeated start condition and resend the device address along
with a read bit. The WM8594 will acknowledge this and the WM8594 will become a slave transmitter.
The WM8594 will place the data from the indexed register onto SDIN MSB first. When the controller
receives the first byte of data, it acknowledges it. When the controller receives the second and final
byte of data it will not acknowledge receipt of the data indicating that it will resume master transmitter
control of SDIN. The controller will then issue a stop command completing the read cycle.
Figure 8 2-wire Read Protocol
AUTO-INCREMENT REGISTER READBACK
It is possible to read from multiple consecutive registers in continuous readback mode. Continuous
readback mode is selected by setting AUTO_INC.
In continuous readback mode, the WM8594 will return the indexed register first, followed by
consecutive registers in increasing index order until the controller issues a stop sequence.
Figure 9 2-Wire Auto-Increment Register Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com