Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
WM8594
Product Preview
w
PP Rev 1.0 January 2007
28
DIGITAL AUDIO INTERFACE CONTROL
The control of the audio interface formats is achieved by register write. Dynamically changing the
audio data format may cause erroneous operation and is not recommended.
Interface timing is such that the input data and left/right clock are sampled on the rising edge of the
interface bit clock. Output data changes on the falling edge of the interface bit clock. By setting the
appropriate bit clock and left/tight clock polarity bits, the WM8594 ADC and DACs can sample data
on the opposite clock edges.
The control of audio interface formats and clock polarities is summarised in Table 15.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
DAC1_
FMT[1:0]
10
DAC1 Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I
2S
11 = DSP
3:2
DAC1_
WL[1:0]
10
DAC1 Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified
mode)
4
DAC1_BCP
0
DAC1 BCLK Polarity
0 = DACBCLK not inverted - data latched on
rising edge of BCLK
1 = DACBCLK inverted - data latched on
falling edge of BCLK
R2
DAC1_CTRL1
02h
5
DAC1_LRP
0
DAC1 LRCLK Polarity
0 = DACLRCLK not inverted
1 = DACLRCLK inverted
1:0
DAC2_
FMT[1:0]
10
DAC2 Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I
2S
11 = DSP
3:2
DAC2_
WL[1:0]
10
DAC2 Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified
mode)
4
DAC2_BCP
0
DAC2 BCLK Polarity
0 = DACBCLK not inverted - data latched on
rising edge of BCLK
1 = DACBCLK inverted - data latched on
falling edge of BCLK
R7
DAC2_CTRL1
07h
5
DAC2_LRP
0
DAC2 LRCLK Polarity
0 = DACLRCLK not inverted
1 = DACLRCLK inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com