Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Product Preview
WM8594
w
PP Rev 1.0 January 2007
9
Test Conditions
AVDD2=9V, AVDD1=DVDD=3.3V, AGND1=AGND2=0V, DGND=0V, TA=+25˚C, 1kHz signal, fs=48kHz, MCLK=256fs unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Channel Separation
4,5
100
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
0.05
Degree
Headphone Amplifier
Output signal level (0dB)
0.8
Vrms
Signal to Noise Ratio
1,5
SNR
A-weighted
dB
PO=20mW, RL=16Ω
dB
Total Harmonic Distortion
THD
PO=20mW, RL=32Ω
dB
Channel Separation
4,5
dB
Power Supply Rejection Ratio
PSRR
TBD
dB
Digital Volume Control
ADC minimum digital volume
-97
dB
ADC maximum digital volume
+30
dB
ADC volume step size
0.5
dB
DAC minimum digital volume
-100
dB
DAC maximum digital volume
+12
dB
DAC volume step size
0.5
dB
Analogue Volume Control
Minimum gain
-73.5
dB
Maximum gain
+6
dB
Step size
0.5
dB
Mute attenuation
TBD
dB
Crosstalk
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
DAC to ADC
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
ADC to DAC
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
TERMINOLOGY
1.
Signal-to-noise ratio (dBFS) – SNR is the difference in level between a reference full scale output signal and the
device output with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is
employed in achieving these results).
2.
Dynamic range (dBFS) – DNR is a measure of the difference in level between the highest and lowest components of a
signal. Normally a THD measurement at -60dBFS. The measured signal is then corrected by adding 60dB to the
result, e.g. THD @ -60dBFS = -30dB, DNR = 90dB.
3.
Total Harmonic Distortion (dBFS) – THD is the difference in level between a reference full scale output signal and the
first seven odd harmonics of the output signal. To calculate the ratio, the fundamental frequency of the output signal is
notched out and an RMS value of the next seven odd harmonics is calculated.
4.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com