Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8594SEFT/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8594SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594SEFT/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8594SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8594SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
WM8594
Product Preview
w
PP Rev 1.0 January 2007
32
ADC FEATURES
The WM8594 features a stereo 24-bit sigma-delta ADC, digital volume control with zero cross, a
selectable high pass filter to remove DC offsets, and support for both master and slave clocking
modes.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13
ADC_CTRL1
0Dh
6
ADC_EN
0
ADC Enable
0 = ADC disabled
1 = ADC enabled
Table 22 ADC Enable Control
DIGITAL VOLUME CONTROL
The ADC digital volume can be adjusted between +30dB and -97dB in 0.5dB steps. Left and right
channels can be controlled independently. Volume changes can be applied immediately to each
channel, or volume changes can be written to both channels before writing to an update bit in order
to change the volume in both channels simultaneously.
Volume control includes optional zero cross functionality. When zero cross is enabled, volume
changes are not applied until the output level crosses the DC level of the ADC output. Zero cross
helps to prevent pop and click noise when changing volume settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16
ADCL_VOL
10h
7:0
ADCL
_VOL[7:0]
11000011
R17
ADCR_VOL
11h
7:0
ADCR
_VOL[7:0]
11000011
ADC Digital Volume
0000 0000 = Digital mute
0000 0001 = -97dB
0000 0010 = -96.5dB
…0.5dB steps
1100 0011 = 0dB
…0.5dB steps
1111 1110 = +29.5dB
1111 1111 = +30dB
R16
ADCL_VOL
10h
8
ADCL_VU
0
R17
ADCR_VOL
11h
8
ADCR_VU
0
ADC Digital Volume Update
0 = Latch ADC volume setting into Register
Map but do not update volume
1 = Latch ADC volume setting into Register
Map and update left and right channels
simultaneously
R13
ADC_CTRL1
0Dh
13
ADC_ZC_
EN
1
ADC Digital Volume Control Zero Cross
Enable
0 = Do not use zero cross, change volume
instantly
1 = Use zero cross, change volume when
data crosses zero
Table 23 ADC Digital Volume Control
CHANNEL SWAP AND INVERSION
The WM8594 ADC input channels can be inverted and swapped in a number of ways to provide
maximum flexibility of input path to the ADC. The default configuration provides stereo output data
with the left and right channel data in the left and right channels. It is possible to swap the left and
right channels, invert them independently, or select the same data from both channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com