Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 18Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 19Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 20Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 21Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 22Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 23Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 24Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 25Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.07
22
Freescale Semiconductor
— Upward compatible with MC9S12 instruction set with the exception of five Fuzzy instructions
(MEM, WAV, WAVR, REV, REVW) which have been removed
— Enhanced indexed addressing
— Access to large data segments independent of PPAGE
•
INT (interrupt module)
— Eight levels of nested interrupts
— Flexible assignment of interrupt sources to each interrupt level.
— External non-maskable high priority interrupt (XIRQ)
— Internal non-maskable high priority Memory Protection Unit interrupt
— Up to 24 pins on ports J, H and P configurable as rising or falling edge sensitive interrupts
•
EBI (external bus interface)(available in 208-Pin and 144-Pin packages only)
— Up to four chip select outputs to select 16K, 1M, 2M and up to 4MByte address spaces
— Each chip select output can be configured to complete transaction on either the time-out of one
of the two wait state generators or the deassertion of EWAIT signal
•
MMC (module mapping control)
•
DBG (debug module)
— Monitoring of CPU and/or XGATE busses with tag-type or force-type breakpoint requests
— 64 x 64-bit circular trace buffer captures change-of-flow or memory access information
•
BDM (background debug mode)
•
MPU (memory protection unit)
— 8 address regions definable per active program task
— Address range granularity as low as 8-bytes
— No write / No execute Protection Attributes
— Non-maskable interrupt on access violation
•
XGATE
— Programmable, high performance I/O coprocessor module
— Transfers data to or from all peripherals and RAM without CPU intervention or CPU wait states
— Performs logical, shifts, arithmetic, and bit operations on data
— Can interrupt the HCS12X CPU signalling transfer completion
— Triggers from any hardware module as well as from the CPU possible
— Two interrupt levels to service high priority tasks
— Hardware support for stack pointer initialisation
•
OSC_LCP (oscillator)
— Low power loop control Pierce oscillator utilizing a 4MHz to 16MHz crystal
— Good noise immunity
— Full-swing Pierce option utilizing a 2MHz to 40MHz crystal
— Transconductance sized for optimum start-up margin for typical crystals
•
IPLL (Internally filtered, frequency modulated phase-locked-loop clock generation)
— No external components required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com