Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 70Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 71Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 72Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 73Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 74Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 75Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 76Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 77Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.07
74
Freescale Semiconductor
1.6.3.5
Memory
The RAM arrays are not initialized out of reset.
1.6.3.6
COP Configuration
The COP timeout rate bits CR[2:0] and the WCOP bit in the COPCTL register are loaded on rising edge
of RESET from the Flash register FOPT. See Table 1-14 and Table 1-15 for coding. The FOPT register is
loaded from the Flash configuration field byte at global address $7FFF0E during the reset sequence.
If the MCU is secured the COP timeout rate is always set to the longest period (CR[2:0] = 111) after COP
reset.
1.7
ATD0 External Trigger Input Connection
The ATD module includes four external trigger inputs ETRIG0, ETRIG1, ETRIG2, and ETRIG3. The
external trigger allows the user to synchronize ATD conversion to external trigger events. Table 1-16
shows the connection of the external trigger inputs.
Table 1-14. Initial COP Rate Configuration
NV[2:0] in
FCTL Register
CR[2:0] in
COPCTL Register
000
111
001
110
010
101
011
100
100
011
101
010
110
001
111
000
Table 1-15. Initial WCOP Configuration
NV[3] in
FCTL Register
WCOP in
COPCTL Register
10
01
Table 1-16. ATD0 External Trigger Sources
External Trigger
Input
Connectivity
ETRIG0
Pulse width modulator channel 1
ETRIG1
Pulse width modulator channel 3
ETRIG2
Periodic interrupt timer hardware trigger 0
ETRIG3
Periodic interrupt timer hardware trigger 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com