Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 87Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 88Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 89Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 90Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 91Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 92Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 93Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 94Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1036 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
91
J
PJ7
TXCAN4
O
MSCAN4 transmit pin
GPIO
SCL0
O
Inter Integrated Circuit 0 serial clock line
(TXCAN0)
O
MSCAN0 transmit pin
GPIO/KWJ7
I/O General-purpose I/O with interrupt
PJ6
RXCAN4
I
MSCAN4 receive pin
SDA0
I/O Inter Integrated Circuit 0 serial data line
(RXCAN0)
I
MSCAN0 receive pin
GPIO/KWJ6
I/O General-purpose I/O with interrupt
PJ5
SCL1
O
Inter Integrated Circuit 1 serial clock line
CS2
O
Chip select 2
GPIO/KWJ5
I/O General-purpose I/O with interrupt
PJ4
SDA1
I/O Inter Integrated Circuit 1 serial data line
CS0
O
Chip select 0
GPIO/KWJ4
I/O General-purpose I/O with interrupt
PJ3
GPIO/KWJ3
I/O General-purpose I/O with interrupt
PJ2
CS1
O
Chip select 1
GPIO/KWJ2
I/O General-purpose I/O with interrupt
PJ1
TXD2
O
Serial Communication Interface 2 transmit pin
GPIO/KWJ1
I/O General-purpose I/O with interrupt
PJ0
RXD2
I
Serial Communication Interface 2 receive pin
CS3
O
Chip select 3
GPIO/KWJ0
I/O General-purpose I/O with interrupt
AD0
PAD[15:0]
GPIO
I/O General-purpose I/O
GPIO
AN[15:0]
I
ATD0 analog inputs
AD1
PAD[31:16]
GPIO
I/O General-purpose I/O
GPIO
AN[15:0]
I
ATD1 analog inputs
R
PR[7:0]
TIMIOC[7:0]
I/O Timer Channels 7- 0 input/output
GPIO
GPIO
I/O General-purpose I/O
Port
Pin Name
Pin Function
& Priority1
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com