Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 19Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 20Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 21Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 22Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 23Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 24Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 25Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 26Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
23
— Configurable option to spread spectrum for reduced EMC radiation (frequency modulation)
•
CRG (clock and reset generation)
— COP watchdog
— Real time interrupt
— Clock monitor
— Fast wake up from STOP in self clock mode
•
Memory Options
— 128K, 256k, 384K, 512K, 768K and 1M byte Flash
— 2K, 4K byte emulated EEPROM
— 12K, 16K, 24K, 32K, 48K and 64K Byte RAM
•
Flash General Features
— 64 data bits plus 8 syndrome ECC (Error Correction Code) bits allow single bit failure
correction and double fault detection
— Erase sector size 1024 bytes
— Automated program and erase algorithm
•
D-Flash Features
— Up to 32 Kbytes of D-Flash memory with 256 byte sectors for user access.
— Dedicated commands to control access to the D-Flash memory over EEE operation.
— Single bit fault correction and double bit fault detection within a word during read operations.
— Automated program and erase algorithm with verify and generation of ECC parity bits.
— Fast sector erase and word program operation.
— Ability to program up to four words in a burst sequence
•
Emulated EEPROM Features
— Automatic EEE file handling using an internal Memory Controller.
— Automatic transfer of valid EEE data from D-Flash memory to buffer RAM on reset.
— Ability to monitor the number of outstanding EEE related buffer RAM words left to be
programmed into D-Flash memory.
— Ability to disable EEE operation and allow priority access to the D-Flash memory.
— Ability to cancel all pending EEE operations and allow priority access to the D-Flash memory.
•
Two 16-channel, 12-bit Analog-to-Digital Converters
— 8/10/12 Bit resolution
—3
µs, 10-bit single conversion time
— Left/right, signed/unsigned result data
— External and internal conversion trigger capability
— Internal oscillator for conversion in Stop modes
— Wake from low power modes on analog comparison > or <= match
•
Five MSCAN (1 M bit per second, CAN 2.0 A, B software compatible modules)
— Five receive and three transmit buffers
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit, or 8x8bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com